Part Number Hot Search : 
SP504AN STA516 ASL033 10100CT A7291P RT9164 D2102 CZRW5235
Product Description
Full Text Search
 

To Download MC148906 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC1489, MC1489A Quad Line EIA-232D Receivers
The MC1489 monolithic quad line receivers are designed to interface data terminal equipment with data communications equipment in conformance with the specifications of EIA Standard No. EIA-232D.
Features http://onsemi.com
* * * * *
Input Resistance - 3.0 k to 7.0 kW Input Signal Range - 30 V Input Threshold Hysteresis Built In Response Control a) Logic Threshold Shifting b) Input Noise Filtering Pb-Free Packages are Available
14 1
SOIC-14 D SUFFIX CASE 751A
PDIP-14 P SUFFIX CASE 646 14 1 SOEIAJ-14 M SUFFIX CASE 965 1
14
PIN CONNECTIONS
Input A Line Driver MC1488 Interconnecting Cable Line Receiver MC1489 Response Control A Output A Input B Response Control B MDTL Logic Input Interconnecting Cable MDTL Logic Output Output B Ground
1 2 3 4 5 6 7
14 VCC 13 Input D 12 Response Control D 11 Output D 10 Input C 9 8 Response Control C Output C
Figure 1. Simplified Application ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 8 of this data sheet.
DEVICE MARKING INFORMATION
See general marking information in the device marking section on page 9 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2006
October, 2006 - Rev. 10
1
Publication Order Number: MC1489/D
MC1489, MC1489A
14 VCC
9.0 k RF Response Control 2
5.0 k
1.7 k
3 Output
3.8 k Input 1
MC1489 RF 6.7 kW
MC1489A 1.6 kW
10 k
7 GND
Figure 2. Representative Schematic Diagram (1/4 of Circuit Shown)
http://onsemi.com
2
MC1489, MC1489A
MAXIMUM RATINGS (TA = + 25C, unless otherwise noted)
Rating Power Supply Voltage Input Voltage Range Output Load Current Power Dissipation (Package Limitation, SOIC-14 and Plastic Dual In-Line Package) Derate above TA = + 25C Operating Ambient Temperature Range Storage Temperature Range Symbol VCC VIR IL PD 1/qJA TA Tstg Value 10 30 20 1000 6.7 0 to + 75 - 65 to + 175 Unit Vdc Vdc mA mW mW/C C C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
ELECTRICAL CHARACTERISTICS (Response control pin is open.) (VCC = + 5.0 Vdc 10%, TA = 0 to + 75C, unless otherwise noted)
Characteristics Positive Input Current Negative Input Current Input Turn-On Threshold Voltage (TA = + 25C, VOL p 0.45 V) Input Turn-Off Threshold Voltage (TA = + 25C, VOH q 2.5 V, IL = - 0.5 mA) Output Voltage High Output Voltage Low Output Short-Circuit Current Power Supply Current (All Gates "on," Iout = 0 mA, VIH = + 5.0 Vdc) Power Consumption Propagation Delay Time Rise Time Propagation Delay Time Fall Time (VIH = + 5.0 Vdc) (RL = 3.9 kW) (RL = 3.9 kW) (RL = 390 kW) (RL = 390 kW) (VIH = + 25 Vdc) (VIH = + 3.0 Vdc) (VIH = - 25 Vdc) (VIH = - 3.0 Vdc) MC1489 MC1489A MC1489 MC1489A Symbol IIH IIL VIH Min 3.6 0.43 - 3.6 - 0.43 1.0 1.75 0.75 0.75 2.5 2.5 - - - - - - - - Typ - - - - - 1.95 - 0.8 4.0 4.0 0.2 - 3.0 16 80 25 120 25 10 Max 8.3 - - 8.3 - 1.5 2.25 Vdc 1.25 1.25 5.0 5.0 0.45 - 4.0 26 130 85 175 50 20 Vdc Vdc mA mA mW ns ns ns ns Unit mA mA Vdc
VIL
(VIH = 0.75 V, IL = - 0.5 mA) (Input Open Circuit, IL = - 0.5 mA) (VIL = 3.0 V, IL = 10 mA)
VOH VOL IOS ICC PC tPLH tTLH tPHL tTHL
SWITCHING CHARACTERISTICS (VCC = 5.0 Vdc 1%, TA = + 25C, See Figure 3.)
http://onsemi.com
3
MC1489, MC1489A
TEST CIRCUITS
5.0 Vdc RL All diodes 1N3064 or equivalent Ein CL C tPLH EO tTHL tTLH 1.5 V 1.5 V C, capacitor is for noise filtering. R, resistor is for threshold shifting. tTLH and tTHL measured 10% - 90% Vin 1/4 MC1489A Response Node VO Eo R 3.0 V 50% Ein 50% VR
CL = 15 pF = total parasitic capacitance which includes probe and wiring capacitances
Figure 3. Switching Response
Figure 4. Response Control Node
http://onsemi.com
4
MC1489, MC1489A
TYPICAL CHARACTERISTICS
(VCC = 5.0 Vdc, TA = +25C, unless otherwise noted) 10 8.0 IL, INPUT CURRENT (mA) VO , OUTPUT VOLTAGE (Vdc) 6.0 4.0 2.0 0 -2.0 -4.0 -6.0 -8.0 -10 -25 -20 -15 -10 -5.0 0 5.0 10 15 20 25 VI II 6.0 5.0 4.0 RT 5.0 k 3.0 Vth 5.0 V 2.0 1.0 0 -3.0 -2.0 -1.0 0 VILH VIHL 1.0 2.0 3.0 RT 13 k Vth 5.0 V RT 1 RT 11 k Vth -5.0 V VI EO
RT Vth
Vin, INPUT VOLTAGE (V)
VI, INPUT VOLTAGE (V)
Figure 5. Input Current
Figure 6. MC1489 Input Threshold Voltage Adjustment
VO , OUTPUT VOLTAGE (Vdc)
5.0 Vin 4.0 3.0 2.0 1.0 0 -3.0 -2.0 -1.0 0 VILH 1.0 VIHL 2.0 3.0 4.0 RT 5.0 k Vth 5.0 V RT 1 RT 11 k Vth -5.0 V EO
VIH , INPUT THRESHOLD VOLTAGE (Vdc)
6.0
RT Vth
2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 -60
MC1489A VIH
MC1489 VIH
MC1489 VIL MC1489A VIL 0 +60 +120
VI, INPUT VOLTAGE (V)
T, TEMPERATURE (C)
Figure 7. MC1489A Input Threshold Voltage Adjustment
Figure 8. Input Threshold Voltage versus Temperature
2.0 INPUT THRESHOLD VOLTAGE (Vdc)
VIH MC1489A
1.0
VIH MC1489 VIL MC1489 VIL MC1489A
0 3.0 4.0 5.0 6.0 VCC, POWER SUPPLY VOLTAGE (V)
Figure 9. Input Threshold versus Power Supply Voltage
http://onsemi.com
5
MC1489, MC1489A
APPLICATIONS INFORMATION
General Information
The Electronic Industries Association (EIA) has released the EIA-232D specification detailing the requirements for the interface between data processing equipment and data communications equipment. This standard specifies not only the number and type of interface leads, but also the voltage levels to be used. The MC1488 quad driver and its companion circuit, the MC1489 quad receiver, provide a complete interface system between DTL or TTL logic levels and the EIA-232D defined levels. The EIA-232D requirements as applied to receivers are discussed herein. The required input impedance is defined as between 3000 W and 7000 W for input voltages between 3.0 and 25 V in magnitude; and any voltage on the receiver input in an open circuit condition must be less than 2.0 V in magnitude. The MC1489 circuits meet these requirements with a maximum open circuit voltage of one VBE. The receiver shall detect a voltage between - 3.0 and -25 V as a Logic "1" and inputs between 3.0 and 25 V as a Logic "0." On some interchange leads, an open circuit of power "OFF" condition (300 W or more to ground) shall be decoded as an "OFF" condition or Logic "1." For this reason, the input hysteresis thresholds of the MC1489 circuits are all above ground. Thus an open or grounded input will cause the same output as a negative or Logic "1" input.
Device Characteristics
The MC1489 interface receivers have internal feedback from the second stage to the input stage providing input hysteresis for noise rejection. The MC1489 input has typical
turn-on voltage of 1.25 V and turn-off of 1.0 V for a typical hysteresis of 250 mV. The MC1489A has typical turn-on of 1.95 V and turn-off of 0.8 V for typically 1.15 V of hysteresis. Each receiver section has an external response control node in addition to the input and output pins, thereby allowing the designer to vary the input threshold voltage levels. A resistor can be connected between this node and an external power supply. Figures 4, 6 and 7 illustrate the input threshold voltage shift possible through this technique. This response node can also be used for the filtering of high frequency, high energy noise pulses. Figures 10 and 11 show typical noise pulse rejection for external capacitors of various sizes. These two operations on the response node can be combined or used individually for many combinations of interfacing applications. The MC1489 circuits are particularly useful for interfacing between MOS circuits and MDTL/MTTL logic systems. In this application, the input threshold voltages are adjusted (with the appropriate supply and resistor values) to fall in the center of the MOS voltage logic levels (see Figure 12). The response node may also be used as the receiver input as long as the designer realizes that he may not drive this node with a low impedance source to a voltage greater than one diode above ground or less than one diode below ground. This feature is demonstrated in Figure 13 where two receivers are slaved to the same line that must still meet the EIA-232D impedance requirement.
6 MC1489 5 E in , AMPLITUDE (V) 10 pF 4 3 2 1 10 100 1000 10,000 PW, INPUT PULSE WIDTH (ns) E in , AMPLITUDE (V) 100 pF 300 pF
6 MC1489A 5 500 pF 12 pF 4 3 2 1 10 100 1000 10,000 PW, INPUT PULSE WIDTH (ns) 100 pF 300 pF 500 pF
Figure 10. Typical Turn On Threshold versus Capacitance from Response Control Pin to GND
Figure 11. Typical Turn On Threshold versus Capacitance from Response Control Pin to GND
http://onsemi.com
6
MC1489, MC1489A
+5.0 Vdc R
MOS Logic
MC1489 DTL or TTL
-VGG
-VDD
+5.0 Vdc
+5.0 Vdc
Figure 12. Typical Translator Application - MOS to DTL or TTL
VCC Response-Control Pin Input 8.0 k 1/2 MC1489 Output
VCC
Input
8.0 k
Output
Response-Control Pin
Figure 13. Typical Paralleling of Two MC1489, A Receivers to Meet EIA-232D
http://onsemi.com
7
MC1489, MC1489A
ORDERING INFORMATION
Device MC1489D MC1489DG MC1489DR2 MC1489DR2G MC1489AD MC1489ADG MC1489ADR2 MC1489ADR2G MC1489P MC1489PG MC1489AP MC1489APG MC1489M MC1489MG MC1489MEL MC1489MELG MC1489AM MC1489AMG MC1489AMEL MC1489AMELG Package SOIC-14 SOIC-14 (Pb-Free) SOIC-14 SOIC-14 (Pb-Free) SOIC-14 SOIC-14 (Pb-Free) SOIC-14 SOIC-14 (Pb-Free) PDIP-14 PDIP-14 (Pb-Free) PDIP-14 PDIP-14 (Pb-Free) SOEIAJ-14 SOEIAJ-14 (Pb-Free) SOEIAJ-14 SOEIAJ-14 (Pb-Free) SOEIAJ-14 SOEIAJ-14 (Pb-Free) SOEIAJ-14 SOEIAJ-14 (Pb-Free) 2000 Tape & Reel 50 Units/Rail 2000 Tape & Reel 50 Units/Rail 2500 Tape & Reel 55 Units/Rail 2500 Tape & Reel 55 Units/Rail Operating Temperature Range Shipping
TA = 0 to +75C
25 Units/Rail
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
8
MC1489, MC1489A
MARKING DIAGRAMS
SOIC-14 D SUFFIX CASE 751A 14 MC1489ADG AWLYWW 1 1 14 MC1489DG AWLYWW 1 14 MC1489AP AWLYYWWG 1 PDIP-14 P SUFFIX CASE 646 14 MC1489P AWLYYWWG
SOEIAJ-14 M SUFFIX CASE 965
MC1489A ALYWG
MC1489 ALYWG
A WL, L YY, Y WW, W G
= Assembly Location = Wafer Lot = Year = Work Week = Pb-Free Package
http://onsemi.com
9
MC1489, MC1489A
PACKAGE DIMENSIONS
SOIC-14 CASE 751A-03 ISSUE H
-A-
14 8
-B-
P 7 PL 0.25 (0.010)
M
B
M
1
7
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION.
G C -T-
SEATING PLANE
R X 45 _
F
D 14 PL 0.25 (0.010)
K
M
M
S
J
TB
A
S
DIM A B C D F G J K M P R
MILLIMETERS MIN MAX 8.55 8.75 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50
INCHES MIN MAX 0.337 0.344 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.228 0.244 0.010 0.019
SOLDERING FOOTPRINT*
7X
7.04 1 0.58
14X
14X
1.52
1.27 PITCH
DIMENSIONS: MILLIMETERS
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
10
MC1489, MC1489A
PDIP-14 CASE 646-06 ISSUE P
14
8
B
1 7
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. INCHES MIN MAX 0.715 0.770 0.240 0.260 0.145 0.185 0.015 0.021 0.040 0.070 0.100 BSC 0.052 0.095 0.008 0.015 0.115 0.135 0.290 0.310 --- 10 _ 0.015 0.039 MILLIMETERS MIN MAX 18.16 19.56 6.10 6.60 3.69 4.69 0.38 0.53 1.02 1.78 2.54 BSC 1.32 2.41 0.20 0.38 2.92 3.43 7.37 7.87 --- 10 _ 0.38 1.01
A F N -T-
SEATING PLANE
L C
H
G
D 14 PL
K
M
J M
DIM A B C D F G H J K L M N
0.13 (0.005)
http://onsemi.com
11
MC1489, MC1489A
PACKAGE DIMENSIONS
SOEIAJ-14 CASE 965-01 ISSUE A
14
8
LE Q1 E HE M_ L DETAIL P
1
7
Z D e A VIEW P
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5. THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). DIM A A1 b c D E e HE 0.50 LE M Q1 Z MILLIMETERS MIN MAX --- 2.05 0.05 0.20 0.35 0.50 0.10 0.20 9.90 10.50 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 10 _ 0_ 0.70 0.90 --- 1.42 INCHES MIN MAX --- 0.081 0.002 0.008 0.014 0.020 0.004 0.008 0.390 0.413 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 10 _ 0_ 0.028 0.035 --- 0.056
c
b 0.13 (0.005)
M
A1 0.10 (0.004)
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
12
MC3423/D


▲Up To Search▲   

 
Price & Availability of MC148906

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X